PART |
Description |
Maker |
ISL6548ACRZ-T ISL6548ACRZA ISL6548ACRZA-T ISL6548A |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-PDIP 0 to 70 500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
R1221N16AH-TR R1221N15AH-TR R1221N17AH-TR R1221N18 |
High Power Chip - HPC 12 2 1% B Voltage-Mode SMPS Controller 0.025 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO6 Voltage-Mode SMPS Controller 电压模式开关电源控制器 Voltage-Mode SMPS Controller 0.025 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO6 Step-down DC/DC Converter with Voltage Detector 降压直流/直流电压检测器 Step-down DC/DC Converter with Voltage Detector 0.025 A SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO6 Step-down DC/DC Converter with Voltage Detector 0.025 A SWITCHING CONTROLLER, 600 kHz SWITCHING FREQ-MAX, PDSO6
|
Ricoh Co., Ltd. http:// RICOH electronics devices division
|
MAX779L MAX779LCPA MAX779LCSA MAX779LEPA MAX779LES |
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters Low-Voltage Input / 3V/3.3V/5V/ Adjustable Output / Step-Up DC-DC Converters Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters 1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PDIP8 Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters 1 A SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, UUC15 Low-Voltage Input 3V/3.3V/5V/ Adjustable Output Step-Up DC-DC Converters
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
LT3430 LT3430IFE LT3430EFE |
High Voltage, 3A, 200kHz Step-Down Switching Regulator High Voltage/ 3A/ 200kHz Step-Down Switching Regulator High Voltage 3A 200kHz Step-Down Switching Regulator 60V, 3A, 200kHz Step-Down Switching Regulator
|
LINER[Linear Technology]
|
MAX1733EUKT |
Low-Voltage, Step-Down DC-DC Converters in SOT23 0.565 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO5
|
Maxim Integrated Products, Inc.
|
LT34331 LT3433IFETRPBF LT3433EFETR |
High Voltage Step-Up/Step-Down DC/DC Converter; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.9 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage Step-Up/Step-Down DC/DC Converter; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
MAX1928EUB15T |
Low-Output-Voltage, 800mA, PWM Step-Down DC-DC Converters 0.8 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Products, Inc.
|
LT3437EFE LT3437IFE LT3437EFEPBF LT3437EDDTR |
High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.9 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
GS-R400V GS-R424 GS-R400VB GS-R405 GS-R405S GS-R41 |
20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN, SWITCHING REGULATOR FAMILY 20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY From old datasheet system 1-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
LTC3832-1ES8 LTC3832-1ES8TRPBF |
High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8 High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
RS5RJ RS5RJ3329A-T1 RS5RJ5045B-T2 RS5RJ4036B-T2 RS |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:8; Connector Shell Size:22; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female POLYESTER CAPACITOR VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 0.25 A SWITCHING REGULATOR, 100 kHz SWITCHING FREQ-MAX, PDSO8 VFM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 衡工量值式升压型DC / DC转换器稳压器和检测器
|
Ricoh Co., Ltd. http:// RICOH COMPANY LTD RICOH electronics devic...
|